Part Number Hot Search : 
EA09206 29F04 28C65 UZ4215 UCN5800 7C65630 NL1027 SKKH92
Product Description
Full Text Search
 

To Download FDC60-24D15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wide 2 : 1 input range high effciency regulated outputs 1600v isolation full emi shielding pi input filter model number output voltage output amps input range single output fdc60-12s33 3.3 vdc 15 9-18 vdc fdc60-24s33 15 18-36 vdc fdc60-48s33 15 36-72 vdc fdc60-12s05 5 vdc 12 9-18 vdc fdc60-24s05 12 18-36 vdc fdc60-48s05 12 36-72 vdc fdc60-12s12 12 vdc 5 9-18 vdc fdc60-24s12 5 18-36 vdc fdc60-48s12 5 36-72 vdc fdc60-12s15 15 vdc 4 9-18 vdc fdc60-24s15 4 18-36 vdc fdc60-48s15 4 36-72 vdc dual output fdc60-12d3305 3.3 / 5 vdc 6 / 6 9-18 vdc fdc60-24d3305 6 / 6 18-36 vdc fdc60-48d3305 6 / 6 36-72 vdc fdc60-12d05 +/-5 vdc +10 / -2 9-18 vdc fdc60-24d05 +10 / -2 18-36 vdc fdc60-48d05 +10 / -2 36-72 vdc fdc60-12d12 +/-12 vdc +/-2.5 9-18 vdc fdc60-24d12 +/-2.5 18-36 vdc fdc60-48d12 +/-2.5 36-72 vdc fdc60-12d15 +/-15 vdc +/-2 9-18 vdc FDC60-24D15 +/-2 18-36 vdc fdc60-48d15 +/-2 36-72 vdc ul e193009; tuv r2054535; cb jptuv-001393 unit measures 2.76w x 3.94l x 0.75h isolated and regulated 60 watt modular dc/dc converters fdc60 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
input specifications input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specifications voltage and current see selection chart load regulation (10%-fl) singles/duals: +/-0.5% xxd3305 models 3.3v output min load=800ma line regulation singles/duals: +/-0.5% temperature coeffcient +/-0.02%/degc ripple/noise 1% pk-pk of vout, typ voltage stability +/- 2% short circuit protection continuous, self-recovering overvoltage protection threshold: 3.3v output 3.9volts 5v output 6.2volts 12v output 15volts 15v output 18volts general specifications on/off control (ref to - input pin) logic 1/open=on logic 0/gnd=off input-out isolation 1600vdc isolation resistance 10000 m ohms effciency 83%, typ switching frequency 200khz, typ environmental specifications oper. temperature -25 to +71 degc(see derate) storage temperature -55 to +125 degc * maximum case temp 100 degc * mtbf 1.53 mhrs mil-hdbk-217f ta=25c fl physical specifications case material nickel-coated copper non-conductive base construction fully encapsulated weight 9.71 oz, (272g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifcations are typical at nominal input, full load, and 25degc unless otherwise noted isolated and regulated 60 watt modular dc/dc converters fdc60 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
output derating curve mechanical dimensions pin # single dual 1 + vin + vin 2 - vin - vin 3 ctrl ctrl 4 trim trim 5 + vout + vout or 3.3 out 6 + vout + vout or 3.3 out 7 com com 8 com com 9 no pin - vout or 5 out 10 no pin - vout or 5 out 3.94 ( 100.2 ) 8 9 . 0 ) 0 . 5 2 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 ) 0 . 0 1 ( 9 3 . 0 0 . 0 1 ( ) 3.25 (82.6) 0.39 (10.0) 0.30 (7.6) 0.32 (8.0) 0.75 (19.0) ) 0 . 0 7 ( 6 7 . 2 0.05 (1.3) 1.00 (25.4) 1.00 (25.4) 0 0 . 1 ) 4 . 5 2 ( 0 0 . 1 ) 4 . 5 2 ( bottom vi ew m ounting in se rt s: #4-40 1 2 3 4 5 6 7 8 9 10 all dimensions in inches (mm) pin pitch tolerance 0.014 (0.35) 100 90 80 70 60 50 40 30 20 10 0 -25 0 25 50 75 100 125 ambient t emperature c output power (%) 590 lfm airflow isolated and regulated 60 watt modular dc/dc converters fdc60 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458


▲Up To Search▲   

 
Price & Availability of FDC60-24D15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X